Part Number Hot Search : 
1N6483 T82V2 UPD168 2N491 2N491 MAY5774X BU4S01G2 MAY5774X
Product Description
Full Text Search
 

To Download SS1V100KC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
FEATURES

SS Series
7mm height to meet the requirement of smaller, thinner electronic products Applications for VTR, calculators, micro video and audio products, etc.
OUTLINE
mm D F d 4 1.5 5 2.0 6.3 2.5 8 3.5
0.45
0.50
SPECIFICATIONS
Items Capacitance Tolerance (120Hz, 25C) Rated Working Voltage Range Operation Temperature Characteristics 20% (M) 4 ~ 63Vdc -40C ~ +85C (After 2 minutes applying the Dc working voltage) Leakage Current (25C)
I 0.01CV or 3 (u A) I : Leakage Current (u A) W.V. 4 5 4 0.35 4 7 15 6.3 8 6.3 0.24 6.3 4 8
C : Rated Capacitance (u F) 10 13 10 0.20 10 3 6 16 20 16 0.16 16 2 4 25 32 25 0.14 25 2 4
V : Working Voltage (V) 35 44 35 0.12 35 2 3 50 63 50 0.10 50 2 3 63 79 63 0.10 63 2 3
Surge Voltage (25C) S.V. W.V. Dissipation Factor (120Hz, 25C) tan W.V. - 25C / + 25C Temperature Characteristics - 40C / + 25C
Impedance ratio at 120Hz
After 1000 hours application of WV at +85C, the capacitor shall meet the following limits: Capacitance Change Load Test tan Leakage Current 20% of initial value 200% of initial specified value initial specified value
After 500 hours, no voltage applied at + 85C, the capacitor shall meet the following limits: Capacitance Change Shelf Test tan Leakage Current 20% of initial value 200% of initial specified value 200% of initial specified value
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
DIMENSIONS
WV uF 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 5x7 6.3 x 7 6.3 x 7 8x7 ] ] ] 5x7 6.3 x 7 8x7 8x7 ] 4x7 4x7 4x7 5x7 6.3 x 7 8x7 4x7 4x7 4x7 5x7 6.3 x 7 8x7 4x7 5x7 5x7 6.3 x 7 6.3 x 7 4 6.3 10 16 25 35 ] ] ] ] ] ] ] ] 4x7 5x7 6.3 x 7 6.3 x 7 50 4x7 4x7 4x7 4x7 4x7 4x7 4x7 4x7 5x7 6.3 x 7 8x7
D x L (mm)
63 4x7 4x7 4x7 4x7 4x7 4x7 4x7 4x7 5x7 6.3 x 7
PERMISSIBLE RIPPLE CURRENT
WV uF 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 60 112 128 155 ] ] ] 73 135 150 190 ] 36 45 56 80 145 184 28 42 54 65 93 170 31 48 60 86 102 4 6.3 10 16 25 35 ] ] ] ] ] ] ] ] 34 54 69 91
mA (rms) at 120Hz 85C
50 3 3 5 6 10 18 22 27 42 58 95 63 4 4 6 7 12 20 25 31 47 83
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


▲Up To Search▲   

 
Price & Availability of SS1V100KC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X